Part Number Hot Search : 
KTA1042D 1N4735 IQ24240 TA7288P HD6303YF STUB018 STUB018 STUB018
Product Description
Full Text Search
 

To Download BCW61D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCW61A/B/C/D
BCW61A/B/C/D
General Purpose Transistor
3
2 1
SOT-23
1. Base 2. Emitter 3. Collector
PNP Epitaxial Silicon Transistor
Absolute Maximum Ratings Ta=25C unless otherwise noted
Symbol VCBO VCEO VEBO IC PC TSTG Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Collector Power Dissipation Storage Temperature Value -32 -32 -5.0 -100 350 -55 ~ 150 Units V V V mA mW C
* Refer to KST5086 for graphs
(c)2001 Fairchild Semiconductor Corporation
Rev. A1, June 2001
BCW61A/B/C/D
Electrical Characteristics Ta=25C unless otherwise noted
Symbol BVCEO BVEBO ICES hFE Parameter Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-off Current DC Current Gain : BCW61B : BCW61C : BCW61D : BCW61A : BCW61B : BCW61C : BCW61D : BCW61A : BCW61B : BCW61C : BCW61D VCE (sat) VBE (sat) VBE (on) Cob NF tON tOFF Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter On Voltage Output Capacitance Noise Figure Turn On Time Turn Off Time VCE= -5V, IC= -10A 20 40 100 120 140 250 380 60 80 100 100 V Test Condition IC= -2mA, IB=0 IE= -1A, IC=0 VCB= -32V, VBE=0 Min. -32 -5 -20 Max. Units
VCE= -5V, IC= -2mA
220 310 460 630
V
VCE= -5V, IC= -50mA
nA
IC= -50mA, IB= -1.25mA IC= -10mA, IB= -0.25mA IC= -50mA, IB= -1.25mA IC= -10mA, IB= -0.25mA VCE= -5V, IC= -2mA VCB= -10V, IE=0 f=1MHz IC= -0.2mA, VCE= -5V RG=20K, f=1KHz IC= -10mA, IB1= -1mA VBB= -3.6V, B22= -1mA R1=R2=5.0K, RL=990 0.68 0.6 0.6
-0.55 -0.25 1.05 0.85 0.75 6 6 150 800
V V V V V pF dB ns ns
Marking Code
Type Mark. BCW61A BA BCW61B BB BCW61C BC BCW61D BD
Marking
BA
(c)2001 Fairchild Semiconductor Corporation
Rev. A1, June 2001
BCW61A/B/C/D
Package Demensions
SOT-23
0.20 MIN 2.40
0.10
0.40 0.03
1.30
0.10
0.45~0.60
0.03~0.10 0.38 REF
0.40 0.03 0.96~1.14 2.90 0.10
0.12 -0.023
+0.05
0.95 0.03 0.95 0.03 1.90 0.03 0.508REF
0.97REF
Dimensions in Millimeters
(c)2001 Fairchild Semiconductor Corporation Rev. A1, June 2001
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. STAR*POWERTM FAST(R) OPTOPLANARTM
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DenseTrenchTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM
FASTrTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM LittleFETTM MicroFETTM MICROWIRETM OPTOLOGICTM
PACMANTM POPTM Power247TM PowerTrench(R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SLIENT SWITCHER(R) SMART STARTTM
StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TruTranslationTM TinyLogicTM UHCTM UltraFET(R) VCXTM
STAR*POWER is used under license
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component is any component of a life support 1. Life support devices or systems are devices or systems device or system whose failure to perform can be which, (a) are intended for surgical implant into the body, reasonably expected to cause the failure of the life support or (b) support or sustain life, or (c) whose failure to perform device or system, or to affect its safety or effectiveness. when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
(c)2001 Fairchild Semiconductor Corporation
Rev. H3


▲Up To Search▲   

 
Price & Availability of BCW61D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X